|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL DATA SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION. FEATURES Average Output Rectified Current : IO=15A (Tc=105 ). Repetitive Peak Reverse Voltage : VRRM=45V. Fast Reverse Recovery Time : trr=35ns. Low Peak Forward Voltage : 0.55V(Typ.) D U E B15A45VIC SCHOTTKY BARRIER TYPE DIODE STACK A C S DIM A B C D E F R T L L M D G H J K L M N O P Q R S T U V V N N T MAXIMUM RATING (Ta=25 CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified ) SYMBOL VRRM IO IFSM Tj Tstg RATING 45 15 150 -40 150 -55 150 UNIT O H T V A A Q 1 2 3 MILLIMETERS 10.30 MAX 15.30 MAX 2.70 0.30 0.85 MAX 3.20 0.20 3.00 0.30 12.30 MAX 0.75 MAX 13.60 0.50 3.90 MAX 1.20 1.30 2.54 4.50 0.20 6.80 2.60 0.20 10 25 5 0.5 2.60 0.15 F G J B 1. ANODE 2. CATHODE K 3. ANODE Current (Tc=105 ) (Rated VR) (Note) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range TO-220IS Note : average forward current of centertap full wave connection. 2 1 3 ELECTRICAL CHARACTERISTICS (Ta=25 CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance Note : A value of one cell (Note) (Note) (Note) (Note) ) TEST CONDITION IFM=7.5A VRRM=Rated IF=1.0A, di/dt=-50A/ Juction to Case MIN. TYP. 0.55 MAX. 0.58 0.5 35 4.0 UNIT V mA ns /W VFM IRRM trr SYMBOL Rth(j-c) 1998. 9. 10 Revision No : 0 P 1/2 B15A45VIC I F - VF 50 REVERSE CURRENT I R (mA) FORWARD CURRENT I F (A) 30 T J =125 C I R - VR 100 10 1.0 0.1 0.01 0.001 T J =25 C TJ =150 C TJ =125 C TJ =100 C TJ =75 C 10 5.0 3.0 T J =75 C T J =25 C 1.0 0.5 0.2 0.4 0.6 0.8 1.0 1.2 FORWARD VOLTAGE V F (V) 0 10 20 30 40 50 REVERSE VOLTAGE VR (V) AVERAGE FORWARD CURRENT I F(AV) (A) 16 AVERAGE FORWARD CURRENT I F(AV) (A) CURRENT DERATING (CASE) RATED VOLTAGE APPLIED R JC =3.0 C/W DC CURRENT DERATING (AMBIENT) 16 DC RATED VOLTAGE APPLIED R JA =16 C/W R JA =60 C/W (NO HEAT SINK) 12 12 8.0 180 SQUARE WAVE 80 180 SQUARE WAVE DC 4.0 40 0 100 0 0 40 80 120 160 AMBIENT TEMPERATURE T A ( C) 110 120 130 140 150 CASE TEMPERATURE Tc ( C) AVERAGE FORWARD POWER DISSIPATION P F(AV) (W) P F(AV) - I F(AV) 14 12 10 8.0 6.0 4.0 2.0 0 0 4.0 8.0 12 16 20 AVERAGE FORWARD CURRENT I F(AV) (A) (RESISTIVE LOAD) I PK I AV = 180 SQUARE WAVE DC 1998. 9. 10 Revision No : 0 2/2 |
Price & Availability of B15A45VIC |